PART |
Description |
Maker |
BA7180 BA7180AFS BA7180AS A5800905 BA7180AS/AFS BA |
Video LSIs > VCR video signal processor > PRE/REC amplifier From old datasheet system 2-channel PRE / REC amplifier with auto-tracking interface
|
ROHM[Rohm] Rohm CO.,LTD.
|
GMS81608 GMS81608K GMS81608PL GMS81608T GMS8160XK |
LG Semicon 8-bit Microcontrollers LG电子半导位微控制 IC VOICE REC/PLAY 16MIN 28-SOIC IC VOICE REC/PLAY 16MIN 28-DIP
|
Hynix Semiconductor, Inc. Hynix Semiconductor Inc.
|
71973-1227 71973-0327 71973-1033 71973-0216 71973- |
A-71973-1227 54 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER, RECEPTACLE CGrid TH RA Erly Rec DR 30 SAu 54Ckt 54 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER, RECEPTACLE A-71973-1033 66 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER, RECEPTACLE CGrid TH RA Erly Rec DR 15 SAu 32Ckt 32 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER, RECEPTACLE CGrid TH RA Erly Rec DR 30 SAu 38Ckt 38 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER, RECEPTACLE CGrid TH RA Erly Rec DR 15 SAu 50Ckt 50 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER, RECEPTACLE CGrid TH RA Erly Rec DR 15 SAu 28Ckt 28 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER, RECEPTACLE CGrid TH RA Erly Rec DR 15 SAu 36Ckt 36 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER, RECEPTACLE CGrid TH RA Erly Rec DR 15 SAu 42Ckt 42 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER, RECEPTACLE A-71973-1211 22 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER, RECEPTACLE A-71973-1235 70 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER, RECEPTACLE CGrid TH RA Erly Rec DR 15 SAu 62Ckt 62 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER, RECEPTACLE A-71973-1221 42 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER, RECEPTACLE A-71973-1024 CGrid TH RA Erly Rec DR 15 SAu 22Ckt A-71973-1232
|
Molex, Inc. MOLEX INC
|
87340-0423 87340-1223 87340-1224 87340-1023 87340- |
MGrid Rec SMT VLPR2 /Pg .76AuLF 4Ckt 4 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, RECEPTACLE MGrid Rec SMT VLPR2 /Pg .76AuLF 12Ckt 12 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, RECEPTACLE MGrid Rec SMT VLPR2 /Pg .38AuLF 12Ckt 12 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, RECEPTACLE MGrid Rec SMT VLPR2 /Pg .76AuLF 10Ckt 10 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, RECEPTACLE MGrid Rec SMT VLPR2 /Pg .76AuLF 20Ckt 20 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, RECEPTACLE
|
Molex, Inc.
|
47279-3000 67492-1631 |
SATA HOST REC. THROUGH HOLE TYPE 22 CONTACT(S), FEMALE, RIGHT ANGLE TELECOM AND DATACOM CONNECTOR, SOLDER, RECEPTACLE SATA HOST REC. R/A SMT TYPE 22 CONTACT(S), FEMALE, RIGHT ANGLE TELECOM AND DATACOM CONNECTOR, SURFACE MOUNT, RECEPTACLE
|
Molex, Inc.
|
CXA1202Q-Z CXA1202R |
REC/PB Amplifier for VCR
|
SONY[Sony Corporation]
|
CXA2500 CXA2500M CXA2500N |
Dual REC/PB Preamplifier
|
SONY[Sony Corporation]
|
10-63-3034 10-63-3064 0010-63-3024 10-63-3044 10-6 |
SPOX 5/7.5 PITCH REC HSG
|
Molex Electronics Ltd.
|
26-01-1089 26-01-1079 26-01-1109 |
KK3.96 SOL. REC. HSG ASSY 8 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, RECEPTACLE KK3.96 SOL REC CONN ASSY 514507CH 7 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, RECEPTACLE KK3.96 SOL REC CONN ASSY 514510CH 10 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, RECEPTACLE
|
Molex, Inc.
|
1N5408-TP |
DIODE STD REC 3A 1000V DO201AD
|
MICRO COMMERCIAL COMPONENTS
|
|